Part Number Hot Search : 
T3S07F 1C03AC F10U20DN P4KE15A IFN425 C1210 1N3315B DTD08052
Product Description
Full Text Search
 

To Download IH120X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  input input voltage 10% input reflected noise 100 mv pk-pk max (20 mhz) bw output output voltage 5% accuracy output ripple & noise 150 mv pk-pk max (20 mhz bw) line regulation 1.2%/1% of vin load regulation 10% (20% to 100% load) general efficiency at full load 9 v, 12 v & 15 v outputs 80% typical at full load 3.3v and 5v outputs 70% typical short circuit 1 second max protection environmental input output isolation 1000 vdc/3000 vdc for ??option temperature 0.03%/? max coefficient operating -40 ? to +85 ? temperature range storage -55 ? to +125 ? temperature range 2 watts ih series dc/dc converters specification i ntelligent design q uality product xpiq inc. 0.22 in 2 board space 75% efficiency 5, 12, 24 and 48 vdc inputs 1000/3000 vdc isolation sip and dip packages low cost all specifications are typical at nominal line, full load & +25? ph: 508 429.9883 fax: 800 226.2100 email: sales@xpiq.com holliston, ma 01746 usa www. xp i q .com ih.qxd 6/6/03 4:22 pm page 1
mechanical details output voltage & current ratings ih output output 5 vdc 12 vdc 24 vdc 48 vdc voltage current input input input input ?.3 vdc ?00 ma ih0503 ih1203 ih2403 ih4803 ?.0 vdc ?00 ma ih0505 ih1205 ih2405 ih4805 ?.0 vdc ?11 ma ih0509 ih1209 ih2409 ih4809 ?2.0 vdc ?4 ma ih0512 ih1212 ih2412 ih4812 ?5.0 vdc ?6 ma ih0515 ih1215 ih2415 ih4815 add suffix ??for single-in-line package, suffix ??for dual-in-line package. add suffix ??for 3000 vdc isolation. notes 0.780 max 0.015 0.400 max 0.120 min 0.100 0.045 0.010 max 0.500 0.9 bottom 0.300 max 0.780 max 0.015 0.400 max 0.120 min 0.100 0.045 0.010 max 0.600 0.09 pins .01 x .02 inches 0.400 max 0.800 max 0.110 min 0.290 max* 0.300 typ 0.010 0.600 0.400 max 0.800 max 0.110 min 0.310 max 0.300 typ 0.010 0.600 * 0.310 max for 48vdc input models pin connections & derating curve 1000 vdc isolation 3000 vdc isolation dual-in-line package (top view) vcc gnd nc -v 0v +v 17 14 11 9 8 vcc gnd nc -v 0v +v 17 14 10 9 8 12 4 56 vcc gnd -v 0v +v 12 5 6 7 vcc gnd -v 0v +v single-in-line package (top view) 1000 vdc isolation 3000 vdc isolation ph: 508 429.9883 fax: 800 226.2100 email: sales@xpiq.com holliston, ma 01746 usa www. xp i q .com 1000 vdc isolation (standard pin output) 3000 vdc isolation (h option) ih.qxd 6/6/03 4:23 pm page 2


▲Up To Search▲   

 
Price & Availability of IH120X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X